Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download MTZJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTZJ Series
Axial Lead Zener Diodes
P b Lead(Pb)-Free
SMALL SIGNAL ZENER DIODES 0.5WATTS
Features: * High reliability * Very sharp reverse characteristic * Low reverse current level
Applications: * Voltage Stabilization Mechanical Data: * Case : DO-34 Glass Case * Weight : Approx 0.09 gram
DO-34
DO-34 Outline Dimensions
Unit:mm
C D
A
B
A
A DIM DO-34 Min 291 Max Min -
B Max 2.70.3 Min -
C Max 0.40.1 Min -
D Max 1.80.2
http//www.weitron.com.tw
WEITRON
1/3
03-Jul-07
MTZJ Series
TA=25C, P=500mW
VZ(V) Zener Voltage Part Voltage No 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 39E 39F 39 G 43 47 51 56 A 1.88-2.10 2.12-2.30 2.33-2.52 2.54-2.75 2.85-3.07 3.16-3.38 Thin suffix B 2.02-2.20 2.22-2.41 2.43-2.63 2.69-2.91 3.01-3.22 3.32-3.53 C D IZ ZZ( Max 100 100 100 110 120 120 100 100 4.30-4.57 4.68-4.93 5.09-5.37 5.61-5.91 6.12-6.44 6.66-7.01 7.29-7.67 8.03-8.45 8.83-9.30 9.70-10.20 9.94-10.44 5 100 80 70 40 30 20 20 20 20 20 20 25 25 25 25 30 30 30 35 45 55 65 75 85 85 85 85 90 90 110 110 5 900 1200 900 500 150 120 120 120 120 120 110 110 110 150 150 200 200 200 250 250 250 250 250 250 250 250 15 17 19 21 23 25 27 30 30 30 30 33 36 39 43 0.2 0.5 0.5 2 5 1 1000 0.5 100 50 20 10 120 ) IZ (mA) ZZK( Max ) IZ (mA) IR(uA) Max VR (V) 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27 30 30 30 30 33 36 39 43
3.455-3.695 3.60-3.845 3.740-4.010 3.89-4.16 4.04-4.29 4.44-4.68 4.81-5.07 5.28-5.55 5.78-6.09 6.29-6.63 6.85-7.22 7.53-7.92 8.29-8.73 9.12-9.59 4.17-4.43 4.55-4.80 4.94-5.20 5.45-5.73 5.96-6.27 6.49-6.83 7.07-7.45 7.78-8.19 8.57-9.01 9.41-9.90
10.18-10.71 10.50-11.05 10.82-11.38 11.13-11.71 11.44-12.03 11.74-12.35 12.11-12.75 12.55-13.21 12.99-13.66 13.44-14.13 13.89-14.62 14.35-15.09 14.80-15.57 15.25-16.04 15.69-16.51 16.22-17.06 16.82-17.70 17.42-18.33 18.02-18.96 18.63-19.59 19.23-20.22 19.72-20.72 20.15-21.20 20.64-21.71 21.08-22.17 21.52-22.63 22.05-23.18 22.61-23.77 23.12-24.31 23.63-24.85 24.26-25.52 24.97-26.26 25.63-26.95 26.29-27.64 26.99-28.39 27.70-29.13 28.36-29.82 29.02-30.51 29.68-31.22 30.32-31.88 30.90-32.50 31.49-33.11 32.14-33.79 32.79-34.49 33.40-35.13 34.01-35.77 34.68-36.47 35.36-37.19 36.00-37.85 36.63-38.52 37.36-39.29 38.14-40.11 38.94-40.80 40.00-45.00 44.00-49.00 48.00-54.00 53.00-60.00
http//www.weitron.com.tw
WEITRON
2/3
03-Jul-07
MTZJ Series
CharacteristicCurers
mW
P
ZENER CURRENT Iz(mA)
POWER DISSIPATION P AMBIENT TEMPERATURE Ta
http//www.weitron.com.tw
WEITRON
3/3
03-Jul-07


▲Up To Search▲   

 
Price & Availability of MTZJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X